Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX724KA Datasheet(PDF) 10 Page - Sony Corporation

Part # ILX724KA
Description  2700-pixel X 3 line CCD Linear Sensor (Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX724KA Datasheet(HTML) 10 Page - Sony Corporation

Back Button ILX724KA Datasheet HTML 4Page - Sony Corporation ILX724KA Datasheet HTML 5Page - Sony Corporation ILX724KA Datasheet HTML 6Page - Sony Corporation ILX724KA Datasheet HTML 7Page - Sony Corporation ILX724KA Datasheet HTML 8Page - Sony Corporation ILX724KA Datasheet HTML 9Page - Sony Corporation ILX724KA Datasheet HTML 10Page - Sony Corporation ILX724KA Datasheet HTML 11Page - Sony Corporation ILX724KA Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
– 10 –
ILX724KA
Notes of Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following
protective measures.
a) Either handle bare handed or use non chargeable gloves, clothes or material.
Also use conductive shoes.
b) When handling directly use an earth band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) Ionized air is recommended for discharge when handling CCD image sensor.
e) For the shipment of mounted substrates, use boxes treated for prevention of static charges.
2) Notes on Handling CCD Packages
The following points should be observed when handling and installing plastic packages.
a) Remain within the following limits when applying static load to the package.
(1) Compressive strength: 39N/surface (Do not apply load more than 0.7mm inside the outer perimeter
of the glass portion.)
(2) Shearing strength: 29N/surface
(3) Tensile strength: 29N/surface
(4) Torsional strength: 0.9Nm
b) In addition, if a load is applied to the entire surface by a hard component, bending stress may be
generated and the package may fracture, etc., depending on the flatness of the ceramic portion.
Therefore, for installation, either use an elastic load, such as a spring plate, or an adhesive.
c) Be aware that any of the following can cause the package to crack or dust to be generated.
(1) Applying repetitive bending stress to the external leads.
(2) Applying heat to the external leads for an extended period of time with soldering iron.
(3) Rapid cooling or heating.
(4) Prying the plastic portion and ceramic portion away at a support point of the adhesive layer.
(5) Applying the metal a crash or a rub against the plastic portion.
Note that the preceding notes should also be observed when removing a component from a board after it
has already been soldered.
d) The notch of the plastic portion is used for directional index, and that can not be used for reference of
fixing. In addition, the cover glass and seal resin may overlap with the notch or ceramic may overlap
with the notch of the plastic portion.
3) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W
soldering iron and solder each pin in less then 2 seconds. For repairs and remount, cool sufficiently.
c) To dismount an imaging device, do not use a solder suction equipment. When using an electric desoldering
tool, ground the controller. For the control system, use a zero cross type.
Plastic portion
Cover glass
39N
Ceramic portion
Adhesive
(1)
29N
(3)
0.9Nm
(4)
29N
(2)


Similar Part No. - ILX724KA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
   2700 X 3pixel CCD Linear Sensor (Color)
More results

Similar Description - ILX724KA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
   10680 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
   10500 X 3 pixel CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com