Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8800 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8800
Description  General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8800_11 Datasheet HTML 1Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 2Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 3Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 4Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 5Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 6Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 7Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 8Page - Richtek Technology Corporation RT8800_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RT8800/B
1
DS8800/B-08 April 2011
www.richtek.com
General Description
The RT8800/B are general purpose multi-phase
synchronous buck controllers dedicating for high density
power supply regulation. The parts implement 2, and 3
buck switching stages operating in interleaved phase set
automatically. The output voltage is regulated and
controlled following the input voltage of FB pin. With such
a single analog control, the RT8800/B provide a simple,
flexible, wide-range and extreme cost-effective high-
density voltage regulation solutions for various high-density
power supply application. The RT8800/B multi-phase
architecture provide high output current while maintaining
low power dissipation on power devices and low stress
on input and output capacitors. The high equivalent
operating frequency also reduces the component
dimension and the output voltage ripple in load transient.
RT8800/B implement both voltage and current loops to
achieve good regulation, response and power stage
thermal balance. The RT8800/B apply the time sharing
DCR current sensing technology newly as well; with such
a topology, the RT8800/B extract the DCR of output
inductor as sense component to deliver a more precise
load line regulation and better thermal balance capability.
Moreover, the parts monitor the output voltage for over-
current and over-voltage protection; Soft-start and
programmable under-voltage lockout are also provided to
assure the safety of power system.
Features
5V Power Supply Voltage
2/3-Phase Power Conversion with Automatic Phase
Selection (RT8800 : 2/3-Phase, RT8800B : 2-Phase)
Output Voltage Controlled by External Reference
Voltage
Precise Core Voltage Regulation
Power Stage Thermal Balance by DCR Current
Sensing
Extreme Low-Cost, Lossless Time Sharing Current
Sensing
Internal Soft-start
Hiccup Mode Over-Current Protection
Over-Voltage Protection
Adjustable Operating Frequency and Typical at
300kHz Per Phase
Power Good indication
Small 16-Lead VQFN Package (For RT8800 only)
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Desktop CPU core power
Low Output Voltage, High power density DC-DC
Converters
Voltage Regulator Modules
General Purpose 2/3-Phase PWM Controller for High-Density
Power Supply
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QV : VQFN-16L 3x3 (V-Type)
S : SOP-16
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
RT8800/B
2-Phase
2/3-Phase


Similar Part No. - RT8800_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800AGQV RICHTEK-RT8800AGQV Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800APQV RICHTEK-RT8800APQV Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800BGQV RICHTEK-RT8800BGQV Datasheet
532Kb / 26P
   General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
More results

Similar Description - RT8800_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800 RICHTEK-RT8800 Datasheet
532Kb / 26P
   General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
   2/3-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
   2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
   4/3/2/1-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
   2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
   2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com