Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013-30PB Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9013-30PB
Description  120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-30PB Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9013-30PB Datasheet HTML 2Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 3Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 4Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 5Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 6Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 7Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 8Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 9Page - Richtek Technology Corporation RT9013-30PB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9013A
6
DS9013A-02 April 2011
www.richtek.com
Line Transient Response
Time (100us/Div)
3.6
2.6
20
0
-20
VIN = 2.6V to 3.6V, ILOAD = 100mA
VOUT = 1.5V
VIN = 3.0V (By Battery), No Load
Noise
Time (10ms/Div)
300
200
100
0
-100
-200
-300
VOUT = 1.5V
VIN = 3.0V (By Battery), ILOAD = 10mA
Noise
Time (10ms/Div)
300
200
100
0
-100
-200
-300
VOUT = 1.5V
VIN = 2.5V, ILOAD = 10mA to 100mA
Load Transient Response
Time (100us/Div)
100
50
0
50
0
-50
VOUT = 1.5V
PSRR
-70
-60
-50
-40
-30
-20
-10
0
10
20
10
100
1000
10000
100000
1000000
Frequency (Hz)
ILOAD = 100mA
ILOAD = 10mA
VIN = 2.5V to 2.6V


Similar Part No. - RT9013-30PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013-30PB RICHTEK-RT9013-30PB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-30PB RICHTEK-RT9013-30PB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013-30PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com