Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013-28GB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9013-28GB
Description  120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-28GB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9013-28GB Datasheet HTML 2Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 3Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 4Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 5Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 6Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 7Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 8Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 9Page - Richtek Technology Corporation RT9013-28GB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9013A
8
DS9013A-02 April 2011
www.richtek.com
Figure 2. Derating Curves for RT9013A Packages
be calculated by following formula :
PD(MAX) = ( TJ(MAX)
− TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJA is
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9013A, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance for SC-70-5/SC-82 package is 333
°C/W on the
standard JEDEC 51-3 single-layer thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by following formula :
PD(MAX) = (125
°C − 25°C) / 333°C/W = 0.3W for SC-70-5/
SC-82 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal resistance
θJA. For RT9013Apackages, the Figure 2 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
12.5 25 37.5 50 62.5 75 87.5 100 113 125
Ambient Temperature (
°C)
Single Layer PCB
SC-70-5/SC-82


Similar Part No. - RT9013-28GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013-28GB RICHTEK-RT9013-28GB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-28GB RICHTEK-RT9013-28GB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013-28GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com