Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9183A
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9183A Datasheet HTML 1Page - Richtek Technology Corporation RT9183A Datasheet HTML 2Page - Richtek Technology Corporation RT9183A Datasheet HTML 3Page - Richtek Technology Corporation RT9183A Datasheet HTML 4Page - Richtek Technology Corporation RT9183A Datasheet HTML 5Page - Richtek Technology Corporation RT9183A Datasheet HTML 6Page - Richtek Technology Corporation RT9183A Datasheet HTML 7Page - Richtek Technology Corporation RT9183A Datasheet HTML 8Page - Richtek Technology Corporation RT9183A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT9183A
4
DS9183A-01 April 2011
www.richtek.com
Electrical Characteristics
(VIN = VOUT + 0.7V, CIN =COUT = 10uF (Ceramic), TA = 25°C unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.3V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 6V
Package Thermal Resistance (Note 2)
SOT-223,
θJA -------------------------------------------------------------------------------------------------------------- 115°C/W
SOT-223,
θJC -------------------------------------------------------------------------------------------------------------- 15°C/W
SOT-223 (F-Type),
θJA -------------------------------------------------------------------------------------------------- 135°C/W
SOT-223 (F-Type),
θJC -------------------------------------------------------------------------------------------------- 17°C/W
SOP-8,
θJA ---------------------------------------------------------------------------------------------------------------- 125°C/W
SOP-8,
θJC ---------------------------------------------------------------------------------------------------------------- 20°C/W
TO-252,
θJA ---------------------------------------------------------------------------------------------------------------- 68°C/W
TO-252,
θJC --------------------------------------------------------------------------------------------------------------- 8°C/W
TO-252 (F-Type),
θJA ---------------------------------------------------------------------------------------------------- 75°C/W
TO-252 (F-Type),
θJC ---------------------------------------------------------------------------------------------------- 15°C/W
TO-263,
θJA ---------------------------------------------------------------------------------------------------------------- 45°C/W
TO-263,
θJC --------------------------------------------------------------------------------------------------------------- 8°C/W
Power Dissipation, PD@TA = 25
°C
SOT-223 ------------------------------------------------------------------------------------------------------------------- 0.87W
SOT-223 (F-Type) -------------------------------------------------------------------------------------------------------- 0.74W
SOP-8 ---------------------------------------------------------------------------------------------------------------------- 0.8W
TO-252 --------------------------------------------------------------------------------------------------------------------- 1.471W
TO-252 (F-Type) ---------------------------------------------------------------------------------------------------------- 1.333W
TO-263 --------------------------------------------------------------------------------------------------------------------- 2.22W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
(Fixed Output Voltage)
ΔVOUT
IOUT = 10mA
−1
0
1
%
Output Voltage Range (Adjustable)
VOUT_ADJ
0.8
--
4.5
V
Quiescent Current
(Note 5)
IQ
IOUT = 0mA, Enable
--
380
500
μA
Standby Current
(Note 6)
ISTBY
VIN = 5.5V, Shutdown
--
0.1
1
μA
To be continued


Similar Part No. - RT9183A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183 RICHTEK-RT9183 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-12GG RICHTEK-RT9183H-12GG Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-12GGF RICHTEK-RT9183H-12GGF Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-12GM RICHTEK-RT9183H-12GM Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com