Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013-28PB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9013-28PB
Description  120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-28PB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9013-28PB Datasheet HTML 1Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 2Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 3Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 4Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 5Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 6Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 7Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 8Page - Richtek Technology Corporation RT9013-28PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9013A
2
DS9013A-02 April 2011
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin N ame
Pin Function
SC-70-5
SC-82
1
4
VIN
Supply Input
2
2
GND
Common Ground
3
1
EN
Enable Input Logic, Active High. When the EN goes to a logic low, the
device will be shutdown mode.
4
--
NC
No Internal Connection
5
3
VOUT
Regulator Output
Function Block Diagram
+
-
POR
OTP
EN
VIN
VOUT
GND
MOS
Driver
Current
Limit
V
REF
VIN
GND
VOUT
RT9013A
COUT
1uF/X7R
1uF/X7R
NC
EN
CIN
VIN
VOUT
Chip Enable
Rpull_down
100k


Similar Part No. - RT9013-28PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013-28PB RICHTEK-RT9013-28PB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-28PB RICHTEK-RT9013-28PB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013-28PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com