Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9009 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9009
Description  2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9009 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9009 Datasheet HTML 1Page - Richtek Technology Corporation RT9009 Datasheet HTML 2Page - Richtek Technology Corporation RT9009 Datasheet HTML 3Page - Richtek Technology Corporation RT9009 Datasheet HTML 4Page - Richtek Technology Corporation RT9009 Datasheet HTML 5Page - Richtek Technology Corporation RT9009 Datasheet HTML 6Page - Richtek Technology Corporation RT9009 Datasheet HTML 7Page - Richtek Technology Corporation RT9009 Datasheet HTML 8Page - Richtek Technology Corporation RT9009 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9009
5
DS9009-01 April 2011
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Input Voltage
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IOUT = 0A, R1 = 1.13k
Ω, R2 = 2.7kΩ
Output Voltage vs. Temperature
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, IOUT = 0A, R1 = 1.13k
Ω, R2 = 2.7kΩ
(
°C)
Reference Voltage vs. Temperature
1.2000
1.2125
1.2250
1.2375
1.2500
1.2625
1.2750
1.2875
1.3000
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, IOUT = 0A
(
°C)
Enable Voltage vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, VOUT = 1.8V, IOUT = 0A
(
°C)
Rising
Falling
Quiescent Current vs. Input Voltage
100
150
200
250
300
350
400
450
500
2.53
3.54
4.55
5.5
Input Voltage (V)
VOUT = 1.8V, IOUT = 0A
Quiescent Current vs. Temperature
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, VOUT = 1.8V, IOUT = 0A
(
°C)


Similar Part No. - RT9009

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9009

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
   800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com