Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8299ZQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8299ZQW
Description  3A, 24V, 500kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8299ZQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8299ZQW Datasheet HTML 2Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 3Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 4Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 5Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 6Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 7Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 8Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 9Page - Richtek Technology Corporation RT8299ZQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT8299
6
DS8299-01 May 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Reference Voltage vs. Temperature
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 3.3V
Frequency vs. Input Voltage
470
480
490
500
510
520
530
540
550
560
570
3
5
7
9
11
13
15
17
19
21
23
Input Voltage (V)
VOUT = 1.2V, IOUT = 0.5A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Output Current (A)
VIN = 5V, VOUT = 3.3V
VIN = 12V, VOUT = 3.3V
VIN = 23V, VOUT = 3.3V
VIN = 5V, VOUT = 1.2V
VIN = 3V, VOUT = 1.2V
VIN = 12V, VOUT = 1.2V
Reference Voltage vs. Input Voltage
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
VOUT = 3.3V, IOUT = 0A
Output Voltage vs. Output Current
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Output Current (A)
VIN = 3V
VIN = 5VV
VIN = 4.5V
VIN = 12V
VOUT = 1.2V
Output Voltage vs. Output Current
3.320
3.325
3.330
3.335
3.340
3.345
3.350
3.355
3.360
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Output Current (A)
VIN = 5V
VIN = 12V
VIN = 23V
VOUT = 3.3V


Similar Part No. - RT8299ZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8299ZQW

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
   High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
   High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
   24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
   3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
   24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
   High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com