Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF7N60NZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF7N60NZ
Description  N-Channel MOSFET 600V, 6.5A, 1.25?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF7N60NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF7N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FDP7N60NZ / FDPF7N60NZ Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
-FDPF7N60NZ
-FDP7N60NZ
-100
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
* Notes :
1. VGS = 0V
2. ID = 250uA
TJ, Junction Temperature [
o
C]
-100
-50
0
50
100
150
0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. VGS = 10V
2. ID = 3.25A
TJ, Junction Temperature [
o
C]
1
10
100
1000
0.01
0.1
1
10
100
10s
100s
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
* Notes :
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
DC
1
10
100
1000
0.01
0.1
1
10
100
30s
100s
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
* Notes :
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
DC
25
50
75
100
125
150
0
2
4
6
8
TC, Case Temperature [
o
C]
Figure 11. Maximum Drain Current vs Case Temperature


Similar Part No. - FDPF7N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
logo
Inchange Semiconductor ...
FDPF7N60NZ ISC-FDPF7N60NZ Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF7N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD7N60NZ FAIRCHILD-FDD7N60NZ_10 Datasheet
263Kb / 9P
   N-Channel MOSFET 600V, 5.5A, 1.25?
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
logo
Thinki Semiconductor Co...
IRF730PBF THINKISEMI-IRF730PBF Datasheet
1Mb / 6P
   6.5A,400V Heatsink N-Channel Type Power MOSFET
logo
STMicroelectronics
STU7NA80 STMICROELECTRONICS-STU7NA80 Datasheet
42Kb / 5P
   N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
   N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com