Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF5N60NZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF5N60NZ
Description  N-Channel MOSFET 600V, 4.5A, 2.0廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF5N60NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF5N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF5N60NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
FDP5N60NZ / FDPF5N60NZ Rev. A
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Safe Operating Area
-FDP5N60NZ
-FDPF5N60NZ
Figure 11. Maximum Drain Current vs.
Figure 12. Unclamped Inductive
Case Temperature
Switching Capability
-80
-40
0
40
80
120
160
0.88
0.92
0.96
1.00
1.04
1.08
1.12
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
o
C]
-80
-40
0
40
80
120
160
0.4
0.8
1.2
1.6
2.0
2.4
2.8
*Notes:
1. VGS = 10V
2. ID = 2.25A
TJ, Junction Temperature [
o
C]
0.1
1
10
100
1000 3000
0.01
0.1
1
10
30
30μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
DC
0.1
1
10
100
1000
0.01
0.1
1
10
50
30μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
DC
25
50
75
100
125
150
0
1
2
3
4
5
TC, Case Temperature [
o
C]
0.01
0.1
1
2
1
8
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)


Similar Part No. - FDPF5N60NZ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF5N60NZ ISC-FDPF5N60NZ Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF5N60NZ

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP5N60 TAK_CHEONG-TFP5N60 Datasheet
215Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Fairchild Semiconductor
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
logo
Tak Cheong Electronics ...
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Taiwan Semiconductor Co...
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFP830 TAK_CHEONG-TFP830 Datasheet
330Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGTB03N60R2DT4G ONSEMI-NGTB03N60R2DT4G Datasheet
598Kb / 8P
   IGBT 600V, 4.5A, N-Channel
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com