Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPC8013S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPC8013S
Description  PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPC8013S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPC8013S Datasheet HTML 1Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 2Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 3Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 4Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 5Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 6Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 7Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 8Page - Fairchild Semiconductor FDPC8013S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
FDPC8013S Rev.C1
www.fairchildsemi.com
4
Typical Characteristics (Q1 N-Channel) T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
V
GS = 3 V
V
GS = 3.5 V
V
GS = 10 V
V
GS = 6 V
V
GS = 4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0
102030
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
GS = 3 V
V
GS = 6 V
V
GS = 4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 3.5 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 13 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
23
45
67
8
9
10
0
7
14
21
28
35
TJ = 125 oC
ID = 13 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
40
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDPC8013S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC8011S FAIRCHILD-FDPC8011S Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
   PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC8014AS ONSEMI-FDPC8014AS Datasheet
555Kb / 12P
   MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
December, 2020 - Rev. 2
logo
Fairchild Semiconductor
FDPC8014S FAIRCHILD-FDPC8014S Datasheet
437Kb / 13P
   PowerTrench Power Clip
logo
ON Semiconductor
FDPC8016S ONSEMI-FDPC8016S Datasheet
353Kb / 12P
   MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
November, 2019 - Rev. 6
More results

Similar Description - FDPC8013S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
   PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC5030SG ONSEMI-FDPC5030SG Datasheet
485Kb / 13P
   MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V
May, 2021 - Rev. 6
logo
Fairchild Semiconductor
FDMS3600S FAIRCHILD-FDMS3600S Datasheet
593Kb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
FDMS3664S FAIRCHILD-FDMS3664S Datasheet
584Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS3602S ONSEMI-FDMS3602S Datasheet
1Mb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS3668S FAIRCHILD-FDMS3668S Datasheet
572Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3660S FAIRCHILD-FDMS3660S Datasheet
580Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3686S FAIRCHILD-FDMS3686S Datasheet
592Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC8014AS ONSEMI-FDPC8014AS Datasheet
555Kb / 12P
   MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
December, 2020 - Rev. 2
NTMFD1D1N02X ONSEMI-NTMFD1D1N02X Datasheet
386Kb / 11P
   MOSFET - Power, Dual, N-Channel, Power Clip, POWERTRENCH, Asymmetric 25 V
July, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com