Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX532A Datasheet(PDF) 6 Page - Sony Corporation

Part # ILX532A
Description  7500-pixel CCD Linear Sensor (B/W)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX532A Datasheet(HTML) 6 Page - Sony Corporation

Back Button ILX532A Datasheet HTML 2Page - Sony Corporation ILX532A Datasheet HTML 3Page - Sony Corporation ILX532A Datasheet HTML 4Page - Sony Corporation ILX532A Datasheet HTML 5Page - Sony Corporation ILX532A Datasheet HTML 6Page - Sony Corporation ILX532A Datasheet HTML 7Page - Sony Corporation ILX532A Datasheet HTML 8Page - Sony Corporation ILX532A Datasheet HTML 9Page - Sony Corporation ILX532A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
– 6 –
ILX532A
Clock Timing Chart 4
φ1
Cross point
φ1 and φ2
5V
φ20V
1.5V (Min.)
1.5V (Min.)
φ2
Cross point
φLH and φ2
5V
φLH 0V
2.0V (Min.)
1.5V (Min.)


Similar Part No. - ILX532A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
   5150-pixel CCD Linear Sensor (B/W)
ILX533 SONY-ILX533 Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535 SONY-ILX535 Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX532A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
   5150-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
   5150-pixel CCD Linear Sensor B W
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
   5150-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
   7926-pixel CCD Linear Image Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com