Electronic Components Datasheet Search |
|
LV8011V Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
LV8011V Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 7 page 92706 / 91004 JO IM No.7230-1/7 LV8011V Overview LV8011V is a 1ch forward/reverse motor driver IC using D-MOS FET for output stage. As MOS circuit is used, it supports the PWM input. Its features are that the on resistance (0.37 Ω typ) and current dissipation are low. It also provides protection functions such as heat protection circuit and reduced voltage detection and is optimal for the motors that need high-current (maximum peak current : 5A). Absolute Maximum Ratings at Ta = 25 °C, SGND = PGND = 0V Parameter Symbol Conditions Ratings Unit Maximum Power Source Voltage (For load) VM max -0.5 to 7.5 V Maximum Power Source Voltage (For control) VCC max -0.5 to 6.0 V IO max DC 1.0 A IO peak1 t ≤100ms, f = 2Hz 3.0 A Maximum Output Current IO peak2 t ≤10ms, f = 2Hz 5.0 A Input Voltage VIN max -0.5 to VCC+0.5 V Operating Temperature Topr -20 to +75 °C Storage Temperature Tstg -55 to 150 °C Allowable Power Dissipation Pd *Specified substrate 800 mW * When mounting the glass epoxy substrate 30mm ×50mm×1.6mm. Allowable Operating Range at SGND = PGND = 0V Parameter Symbol Conditions Ratings Unit Power Source Voltage (For load) VM 2.0 to 6.5 V Power Source Voltage (For control) VCC 4.5 to 5.5 V Input Signal Voltage VIN 0 to VCC V Input Signal Frequency f max duty = 50% 100 kHz Charge-Pump Capacitor C1, C2, C3 0.001 to 0.1 µF Ordering number : ENN*7230 Bi-CMOS IC Forward/Reverse Motor Driver Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before using any SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein. |
Similar Part No. - LV8011V_08 |
|
Similar Description - LV8011V_08 |