Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX524KA Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX524KA
Description  2700 pixel X 3 line CCD Linear Sensor (Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX524KA Datasheet(HTML) 1 Page - Sony Corporation

  ILX524KA Datasheet HTML 1Page - Sony Corporation ILX524KA Datasheet HTML 2Page - Sony Corporation ILX524KA Datasheet HTML 3Page - Sony Corporation ILX524KA Datasheet HTML 4Page - Sony Corporation ILX524KA Datasheet HTML 5Page - Sony Corporation ILX524KA Datasheet HTML 6Page - Sony Corporation ILX524KA Datasheet HTML 7Page - Sony Corporation ILX524KA Datasheet HTML 8Page - Sony Corporation ILX524KA Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
– 1 –
ILX524KA
22 pin DIP (Plastic)
E99619-PS
2700 pixel
× 3 line CCD Linear Sensor (Color)
Description
The ILX524KA is a reduction type CCD linear
sensor developed for color image scanner. This
sensor reads legal-size documents at a density of
300 DPI.
Features
• Number of effective pixels:
8100 pixels (2700 pixels
× 3)
• Pixel size:
8µm
× 8µm (8µm pitch)
• Distance between line: 64µm (8 Lines)
• Single-sided readout
• Ultra low lag / High sensitivity
• Single 12V power supply
• Input clock pulse:
CMOS 5V drive
• Number of output
3 (R, G, B)
• Package:
22 pin Plastic-DIP (400 mil)
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Operating temperature
–10 to +55
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
1
VOUT-G
VOUT-B
VDD
NC
NC
NC
VDD
φ2
NC
φROG-B
φROG-G
VOUT-R
GND
φRS
φLH
GND
NC
NC
φ1
NC
φROG-R
GND
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


Similar Part No. - ILX524KA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
   2700 X 3pixel CCD Linear Sensor (Color)
More results

Similar Description - ILX524KA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
   10680 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
   10500 X 3 pixel CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com