Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS7650 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS7650
Description  N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7650 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS7650_12 Datasheet HTML 1Page - Fairchild Semiconductor FDMS7650_12 Datasheet HTML 2Page - Fairchild Semiconductor FDMS7650_12 Datasheet HTML 3Page - Fairchild Semiconductor FDMS7650_12 Datasheet HTML 4Page - Fairchild Semiconductor FDMS7650_12 Datasheet HTML 5Page - Fairchild Semiconductor FDMS7650_12 Datasheet HTML 6Page - Fairchild Semiconductor FDMS7650_12 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 2012
©2012 Fairchild Semiconductor Corporation
FDMS7650 Rev.D3
www.fairchildsemi.com
1
FDMS7650
N-Channel PowerTrench® MOSFET
30 V, 100 A, 0.99 m
Ω
Features
Max rDS(on) = 0.99 mΩ at VGS = 10 V, ID = 36 A
Max rDS(on) = 1.55 mΩ at VGS = 4.5 V, ID = 32 A
Advanced Package and Silicon combination for low rDS(on)
and high efficiency
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency and to minimize switch node
ringing of DC/DC converters using either synchronous or
conventional switching PWM controllers. It has been optimized
for low gate charge and extremely low rDS(on).
Applications
OringFET
Synchronous rectifier
Bottom
Top
Pin 1
S
G
S
S
D
D
D
D
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
Power 56
MOSFET Maximum Ratings T
C = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
(Note 4)
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
100
A
-Continuous (Silicon limited)
TC = 25 °C
232
-Continuous
TA = 25 °C
(Note 1a)
36
-Pulsed
200
EAS
Single Pulse Avalanche Energy
(Note 3)
544
mJ
PD
Power Dissipation
TC = 25 °C
104
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.2
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS7650
FDMS7650
Power 56
13 ’’
12 mm
3000 units


Similar Part No. - FDMS7650_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
More results

Similar Description - FDMS7650_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7650 FAIRCHILD-FDMS7650 Datasheet
291Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 60 A, 0.99 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDB86102LZ FAIRCHILD-FDB86102LZ Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 24 m廓
FDB3860 FAIRCHILD-FDB3860 Datasheet
303Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 37 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com