Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS4435BZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMS4435BZ
Description  P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS4435BZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMS4435BZ Datasheet HTML 1Page - Fairchild Semiconductor FDMS4435BZ Datasheet HTML 2Page - Fairchild Semiconductor FDMS4435BZ Datasheet HTML 3Page - Fairchild Semiconductor FDMS4435BZ Datasheet HTML 4Page - Fairchild Semiconductor FDMS4435BZ Datasheet HTML 5Page - Fairchild Semiconductor FDMS4435BZ Datasheet HTML 6Page - Fairchild Semiconductor FDMS4435BZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2011 Fairchild Semiconductor Corporation
FDMS4435BZ Rev.C3
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0123
4
0
10
20
30
40
50
VGS = -6 V
VGS = -3.5 V
VGS = -10 V
VGS = -4 V
VGS = -4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
-VDS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
10
2030
4050
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
GS = -4 V
V
GS = -3.5 V
V
GS = -6 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
-ID, DRAIN CURRENT (A)
V
GS = -4.5 V
V
GS = -10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
ID = - 9 A
VGS = -10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
24
6
8
10
0
20
40
60
80
TJ = 125 oC
ID = -9 A
TJ = 25 oC
-VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
123
45
0
10
20
30
40
50
TJ = 25 oC
VDS = -5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 125 oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.00.2
0.40.6
0.81.0
1.21.4
0.001
0.01
0.1
1
10
50
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMS4435BZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMS4D0N12C ONSEMI-FDMS4D0N12C Datasheet
376Kb / 8P
   MOSFET - Power, Single N-Channel, PQFN8
September, 2021 ??Rev. 3
FDMS4D4N08C ONSEMI-FDMS4D4N08C Datasheet
1Mb / 3P
   N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
FDMS4D5N08LC ONSEMI-FDMS4D5N08LC Datasheet
456Kb / 7P
   MOSFET, N-Channel Shielded Gate, POWERTRENCH
November, 2018 ??Rev. 0
More results

Similar Description - FDMS4435BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME510PZT FAIRCHILD-FDME510PZT Datasheet
254Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
FDMA1027PT FAIRCHILD-FDMA1027PT Datasheet
294Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
FDMA6023PZT FAIRCHILD-FDMA6023PZT Datasheet
366Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3.6 A, 60 m廓
FDMC8200S FAIRCHILD-FDMC8200S Datasheet
467Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 10 m廓, 20 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com