Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS3008SDC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDMS3008SDC
Description  N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3008SDC Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDMS3008SDC Datasheet HTML 1Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 2Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 3Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 4Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 5Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 6Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 7Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 8Page - Fairchild Semiconductor FDMS3008SDC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.fairchildsemi.com
7
©2011 Fairchild Semiconductor Corporation
FDMS3008SDC Rev.C
SyncFET Schottky body diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in parallel
with
PowerTrench
MOSFET.
This
diode
exhibits
similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverse recovery
characteristic of the FDMS3008SDC.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Figure 15. SyncFET body diode reverses
leakage versus drain-source voltage
0
5
10
15
20
25
0.000001
0.00001
0.0001
0.001
0.01
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
Typical Characteristics (continued)
Figure 14. FDMS3008SDC SyncFET body
diode reverse recovery characteristic
0
50
100
150
200
250
300
-5
0
5
10
15
20
25
30
di/dt = 300 A/μs
TIME (ns)


Similar Part No. - FDMS3008SDC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
More results

Similar Description - FDMS3008SDC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS3006SDC FAIRCHILD-FDMS3006SDC Datasheet
490Kb / 9P
   N-Channel Dual CoolTM Power Trench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMC2512SDC FAIRCHILD-FDMC2512SDC Datasheet
298Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 25 V, 40 A, 2.0 m廓
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
FDMC3020DC FAIRCHILD-FDMC3020DC Datasheet
570Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 40 A, 6.25 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS7656AS FAIRCHILD-FDMS7656AS Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
FDMC86520DC FAIRCHILD-FDMC86520DC Datasheet
282Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 60 V, 40 A, 6.3 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com