Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMQ8203 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMQ8203
Description  GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench짰 MOSFET N-Channel: 100 V, 6 A, 110 m廓 P-Channel: -80 V, -6 A, 190 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMQ8203 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMQ8203 Datasheet HTML 1Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 2Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 3Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 4Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 5Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 6Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 7Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 8Page - Fairchild Semiconductor FDMQ8203 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
FDMQ8203 Rev.C1
www.fairchildsemi.com
4
Typical Characteristics (N-Channel) T
J = 25 °C unless otherwise noted
Figure 1.
0
1
23
45
0
3
6
9
12
V
GS = 7 V
V
GS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = 5 V
V
GS = 6 V
V
GS = 8 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On Region Characteristics
Figure 2.
0
369
12
0
1
2
3
4
5
V
GS = 8 V
V
GS = 10 V
V
GS = 7 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 6 V
V
GS = 5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 3 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
45
6
7
8
9
10
0
100
200
300
400
TJ = 125 oC
ID = 3 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
23
45
6
7
0
3
6
9
12
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
20
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMQ8203

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMQ8205A ONSEMI-FDMQ8205A Datasheet
338Kb / 11P
   GreenBridge 2 Series of High-Efficiency Bridge Rectifiers
June, 2020 ??Rev. 2
FDMQ8205A ONSEMI-FDMQ8205A Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
FDMQ8205A ONSEMI-FDMQ8205A Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
More results

Similar Description - FDMQ8203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
FDD8426H FAIRCHILD-FDD8426H Datasheet
469Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
FDS8935 FAIRCHILD-FDS8935 Datasheet
225Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
FDME510PZT FAIRCHILD-FDME510PZT Datasheet
254Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
FDS8958B FAIRCHILD-FDS8958B Datasheet
434Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m廓 Q2-P-Channel: -30 V, -4.5 A, 51 m廓
FDME430NT FAIRCHILD-FDME430NT Datasheet
264Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 6 A, 40 m廓
FDS89141 FAIRCHILD-FDS89141 Datasheet
245Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 3.5 A, 62 m廓
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
FDS89161 FAIRCHILD-FDS89161 Datasheet
266Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 105 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com