Electronic Components Datasheet Search |
|
FDMF3030 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FDMF3030 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 19 page September 2012 © 2012 Fairchild Semiconductor Corporation www.fairchildsemi.com FDMF3030 • Rev. 1.0.0 FDMF3030 — Extra-Small, High-Performance, High-Frequency, DrMOS Module Benefits Ultra-Compact 6x6mm PQFN, 72% Space-Saving Compared to Conventional Discrete Solutions Fully Optimized for System Efficiency Clean-Switching Waveforms with Minimal Ringing High-Current Handling Features Over 93% Peak-Efficiency High-Current Handling: 50A High-Performance PQFN Copper-Clip Package 3-State 5V PWM Input Driver Automatic Diode Emulation (Skip Mode) Enabled through ZCD_EN# Input Thermal Warning Flag for Over-Temperature Condition Driver Output Disable Function (DISB# Pin) Internal Pull-Up and Pull-Down for ZCD_EN# and DISB# Inputs, Respectively Fairchild PowerTrench® Technology MOSFETs for Clean Voltage Waveforms and Reduced Ringing Fairchild SyncFET™ Technology (Integrated Schottky Diode) in Low-Side MOSFET Integrated Bootstrap Schottky Diode Adaptive Gate-Drive Timing for Shoot-Through Protection Under-Voltage Lockout (UVLO) Optimized for Switching Frequencies up to 1MHz Low-Profile SMD Package Fairchild Green Packaging and RoHS Compliance Based on the Intel® 4.0 DrMOS Standard Description The DrMOS family is Fairchild’s next-generation, fully optimized, ultra-compact, integrated MOSFET-plus- driver, power-stage solution for high-current, high- frequency, synchronous buck, DC-DC applications. The FDMF3030 integrates a driver IC, two power MOSFETs, and a bootstrap Schottky diode into a thermally enhanced, ultra-compact, 6x6mm package. With an integrated approach, the complete switching power stage is optimized with regard to driver and MOSFET dynamic performance, system inductance, and power MOSFET RDS(ON). The FDMF3030 uses Fairchild's high-performance PowerTrench ® MOSFET technology, which dramatically reduces switch ringing, eliminating the need for a snubber circuit in most buck converter applications. A driver IC with reduced dead times and propagation delays further enhances performance. A thermal warning function indicates a potential over-temperature situation. The FDMF3030 also incorporates a Zero- Cross Detect (ZCD_EN# pin) for improved light-load efficiency and provides a 3-state 5V PWM input for compatibility with a wide range of PWM controllers. Applications Notebook Computers High-Performance Gaming Motherboards Compact Blade Servers & Workstations, V-Core and Non-V-Core DC-DC Converters Desktop Computers, V-Core and Non-V-Core DC-DC Converters High-Current DC-DC Point-of-Load Converters Networking and Telecom Microprocessor Voltage Regulators Small Form-Factor Voltage Regulator Modules Ordering Information Part Number Current Rating Package Top Mark FDMF3030 50A 40-Lead, Clipbond PQFN DrMOS, 6.0mm x 6.0mm Package FDMF3030 |
Similar Part No. - FDMF3030 |
|
Similar Description - FDMF3030 |