Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8284 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8284
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8284 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8284 Datasheet HTML 1Page - Richtek Technology Corporation RT8284 Datasheet HTML 2Page - Richtek Technology Corporation RT8284 Datasheet HTML 3Page - Richtek Technology Corporation RT8284 Datasheet HTML 4Page - Richtek Technology Corporation RT8284 Datasheet HTML 5Page - Richtek Technology Corporation RT8284 Datasheet HTML 6Page - Richtek Technology Corporation RT8284 Datasheet HTML 7Page - Richtek Technology Corporation RT8284 Datasheet HTML 8Page - Richtek Technology Corporation RT8284 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8284
2
DS8284-01 March 2011
www.richtek.com
Functional Pin Description
Pin No.
SOP-8
(Exposed Pad)
SOP-8
Pin Name
Pin Function
1
1
BOOT
Bootstrap for High-Side Gate Driver. Connect a 10nF or greater
ceramic capacitor from BOOT to SW pins.
2
2
VIN
Input Supply Voltage, 4.5V to 23V. Must bypass with a suitably large
ceramic capacitor.
3
3
SW
Phase Node. Connect this pin to external L-C filter.
4,
9 (Exposed Pad)
4
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
5
5
FB
Feedback Input Pin. This pin is connected to the converter output. It
is used to set the output of the converter to regulate to the desired
value via an internal resistive divider. For an adjustable output, an
external resistive divider is connected to this pin.
6
6
COMP
Compensation Node. COMP is used to compensate the regulation
control loop. Connect a series RC network from COMP to GND. In
some cases, an additional capacitor from COMP to GND is required.
7
7
EN
Enable Input pin. A logic high enables the converter; a logic low
forces the RT8284 into shutdown mode reducing the supply current
to less than 3
μA. Attach this pin to VIN with a 100kΩ pull up resistor
for automatic startup.
8
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a
capacitor from SS to GND to set the soft-Start period. A 0.1
μF
capacitor sets the soft-start period to 15.5ms .
Typical Application Circuit
VOUT (V) R1 (kΩ)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
8
76.8
10
27
3.3
22
22 x 2
5
45.3
10
20
3.3
15
22 x 2
3.3
26.1
10
13
3.3
10
22 x 2
2.5
16.9
10
9.1
3.3
6.8
22 x 2
1.8
9.53
10
5.6
3.3
4.7
22 x 2
1.2
3
10
3.6
3.3
3.6
22 x 2
Recommended Component Selection
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
10µH
10nF
22µF x 2
R1
26.1k
R2
10k
VOUT
3.3V/2A
10µF
VIN
4.5V to 23V
RT8284
SS
8
CSS
COMP
CC
3.3nF
RC
13k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1µF
COUT
REN 100k


Similar Part No. - RT8284

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8284

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
   2A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8294 RICHTEK-RT8294 Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
   2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Fitipower Integrated Te...
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
   23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com