Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1E106K Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # C3225X5R1E106K
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1E106K Datasheet(HTML) 2 Page - Richtek Technology Corporation

  C3225X5R1E106K Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8283A
2
DS8283A-01 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for high side gate driver. Connect a 0.1
μF or greater ceramic
capacitor from BOOT to SW pins.
2
VIN
Input Supply Voltage, 4.5V to 23V. Must bypass with a suitably large ceramic
capacitor.
3
SW
Phase Node--Connect to external L-C filter..
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input pin. This pin is connected to the converter output. It is used to
set the output of the converter to regulate to the desired value via an internal
resistive divider. For an adjustable output, an external resistive divider is
connected to this pin.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Enable Input Pin. A logic high enables the converter; a logic low forces the
RT8253A into shutdown mode reducing the supply current to less than 3
μA.
Attach this pin to VIN with a 100k
Ω pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
μF capacitor sets the
soft-start period to 13.5ms.
VOUT (V)
R1 (k
Ω) R2 (kΩ) RC (kΩ) CC (nF) L (μH) COUT (μF)
8
27
3
33
3.3
22
22 x 2
5
62
11.8
20
3.3
15
22 x 2
3.3
75
24
13
3.3
10
22 x 2
2.5
25.5
12
9.1
3.3
6.8
22 x 2
1.5
10.5
12
5.6
3.3
3.6
22 x 2
1.2
12
24
4.3
3.3
3.6
22 x 2
1
3
12
3.6
3.3
2
22 x 2
Recommended Component Selection
Typical Application Circuit
VIN
EN
GND
BOOT
SW
7
2
3
1
L
10µH
100nF
22µF x 2
R1
75k
R2
24k
VOUT
3.3V/3A
10µF x 2
VIN
4.5V to 23V
RT8283A
SS
8
CSS
4, 9 (Exposed Pad)
CBOOT
CIN
0.1µF
COUT
REN 100k
COMP
CC
3.3nF
RC
13k
CP
Open
6
FB
5


Similar Part No. - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com