Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J476M Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # C3225X5R0J476M
Description  2A, 24V, 3MHz Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J476M Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button C3225X5R0J476M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT8278
9
DS8278-02 March 2011
www.richtek.com
Application Information
The RT8278 is an asynchronous high voltage buck
converter that supports an input voltage range from 4.5V
to 24V with output current up to 2A.
Output Voltage Setting
The resistive voltage divider allows the FB pin to sense
the output voltage as shown in Figure 1.
RT8278
GND
FB
R1
R2
VOUT
Figure 1. Output Voltage Setting
Operating Frequency
Selection of the operating frequency is a trade off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequency improves efficiency by
reducing internal gate charge and switching losses, but
requires larger inductance and/or capacitance to maintain
low output ripple voltage. The operating frequency of the
RT8278 is determined by an external resistor that is
connected between the RT pin and ground. The value of
the resistor sets the ramp current that is used to charge
and discharge an internal timing capacitor within the
oscillator. Selection of the RT resistor value can be
determined by examining the curve below in Figure3.
Although frequencies as high as 3MHz are available, the
minimum on-time of the RT8278 imposes a limit on the
operating duty cycle. Figure 4 shows the examples of
minimum on-time constraint for output voltages 3.3V and
1.8V. It is recommended to operate the RT8278 in the
region under the corresponding Vout curve.
Except the minimum on-time constraint, the limit of
maximum duty also needs to be considered. In ideal case,
the duty cycle of the RT8278 can be calculated by below
equation, But in practical case it will be higher than the
calculation result since all the components in a converter
circuit are not ideal. Figure 5 shows an example for the
limit of maximum duty. With 5V input voltage, the 3.3V
output voltage of the RT8278 becomes out of regulation
when the output current is increased. However, when the
input voltage is changed to 12V, the 3.3V output voltage
of the RT8278 remains in regulation even with 2A output
current. According to equation below, the duty cycle is
0.67 for the RT8278 operated with 5V input voltage and
3.3V output voltage in 2.2MHz switching frequency. The
ideal case duty cycle calculation is already over the limit
of maximum duty(65%). Thus, it is obvious that the
RT8278 can't support 2A output current in such
conditions :
SW
Duty Cycle 1 0.15 x f
(MHz)
=−
The output voltage is set by an external resistive voltage
divider according to the following equation :
⎛⎞
+
⎜⎟
⎝⎠
OUT
FB
R1
V
= V
1
R2
where VFB is the feedback reference voltage (0.8V typ.).
External Bootstrap Diode
Connect a 10nF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V voltage source and the BOOT
pin for efficiency improvement when input voltage is lower
than 5.5V or duty cycle is higher than 65% .The bootstrap
diode can be a low cost one such as IN4148 or BAT54.
The external voltage source must be fixed at 5V and can
be provided from the system or the output of the RT8278.
SW
BOOT
5V
RT8278
10nF
Figure 2. External Bootstrap Diode


Similar Part No. - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
TDK Electronics
C3225X5R0J476M TDK-C3225X5R0J476M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
Richtek Technology Corp...
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
More results

Similar Description - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
   3MHz 2A Step-Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
   3MHz,Fast Transient 2A Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
   2A, 24V, 400kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
   2A, 24V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com