Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK325BJ226MM Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # EMK325BJ226MM
Description  2A, 24V, 1.2MHz Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

EMK325BJ226MM Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button EMK325BJ226MM Datasheet HTML 7Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 8Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 9Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 10Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 11Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 12Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 13Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 14Page - Richtek Technology Corporation EMK325BJ226MM Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT8271
11
DS8271-02 March 2011
www.richtek.com
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR) also begins to charge or discharge
COUT generating a feedback error signal for the regulator
to return VOUTto its steady-state value. During this recovery
time, VOUT can be monitored for overshoot or ringing that
would indicate a stability problem.
Thermal Considerations
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8271, the maximum junction temperature is 125
°C. The
junction to ambient thermal resistance
θJA for MSOP-10
(Exposed Pad) package is 86
°C/W and for SOP-8 is
120
°C/W on the standard JEDEC 51-7 four-layers thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (86°C/W) = 1.163W for
MSOP-10 (Exposed Pad)
PD(MAX) = (125
°C − 25°C) / (120°C/W) = 0.833W for
SOP-8
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8271 packages, the Figure 3 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation allowed.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT8271.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept at small area. Keep sensitive components away
from the LX node to prevent stray capacitive noise pick-
up.
Place the feedback components to the FB pin as close
as possible.
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
Figure 3. Derating Curves for RT8271 Packages
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
025
50
75
100
125
Ambient Temperature (°C)
Four Layer PCB
MSOP-10 (Exposed Pad)
SOP-8


Similar Part No. - EMK325BJ226MM

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK325BJ226MM-P TAIYO-YUDEN-EMK325BJ226MM-P Datasheet
330Kb / 2P
   High Value Multilayer Ceramic Capacitors
EMK325BJ226MM-T TAIYO-YUDEN-EMK325BJ226MM-T Datasheet
290Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK325BJ226MMHP TAIYO-YUDEN-EMK325BJ226MMHP Datasheet
289Kb / 2P
   AEC-Q200 qualified
EMK325BJ226MMHT TAIYO-YUDEN-EMK325BJ226MMHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - EMK325BJ226MM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com