Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CR61E106K Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # GRM31CR61E106K
Description  3A, 24V, 3MHz Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM31CR61E106K Datasheet(HTML) 3 Page - Richtek Technology Corporation

  GRM31CR61E106K Datasheet HTML 1Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 2Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 3Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 4Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT8280
3
DS8280-02 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
1V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
3V
10k
VA VCC
1µA
Slope Comp
Current
Comparator
+
-
EA
0.8V
+
-
0.8V
S
R
Q
Q
RT


Similar Part No. - GRM31CR61E106K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CR61E106K MURATA-GRM31CR61E106K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 25V
logo
Richtek Technology Corp...
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - GRM31CR61E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
   3A, 24V, 400kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3284 EUTECH-EUP3284 Datasheet
107Kb / 1P
   3A, 24V, 340KHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
   24V, 3A, 1.3MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
   3A, 24V, 500kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3484S EUTECH-EUP3484S Datasheet
783Kb / 11P
   3A, 24V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
   3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com