Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD86102 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD86102
Description  N-Channel PowerTrench짰 MOSFET 100 V, 36 A, 24 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86102 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD86102 Datasheet HTML 1Page - Fairchild Semiconductor FDD86102 Datasheet HTML 2Page - Fairchild Semiconductor FDD86102 Datasheet HTML 3Page - Fairchild Semiconductor FDD86102 Datasheet HTML 4Page - Fairchild Semiconductor FDD86102 Datasheet HTML 5Page - Fairchild Semiconductor FDD86102 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD86102 Rev.C5
www.fairchildsemi.com
4
Figure 7.
03
6
9
12
15
0
2
4
6
8
10
ID = 8 A
VDD = 50 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 75 V
Gate Charge Characteristics
Figure8.
0.1
1
10
100
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
CapacitancevsDrain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
30
1
10
50
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
10
20
30
40
RθJC = 2
oC/W
VGS = 6 V
VGS = 10 V
T
c, CASE TEMPERATURE (
oC)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
100
300
0.1
1
10
100
DC
10 ms
1 ms
100 us
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 2
oC/W
TC = 25
oC
Figure 12.
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
50
100
1000
10000
t, PULSE WIDTH (sec)
SINGLE PULSE
RθJC = 2
oC/W
TC = 25
oC
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDD86102

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD86102 ISC-FDD86102 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
Inchange Semiconductor ...
FDD86102LZ ISC-FDD86102LZ Datasheet
282Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
FDD86102LZ VBSEMI-FDD86102LZ Datasheet
960Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
More results

Similar Description - FDD86102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86104 FAIRCHILD-FDMS86104 Datasheet
257Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 16 A, 24 m廓
FDB86102LZ FAIRCHILD-FDB86102LZ Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 24 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
Fairchild Semiconductor
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com