Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1931A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # ENA1931A
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1931A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  ENA1931A Datasheet HTML 1Page - Sanyo Semicon Device ENA1931A Datasheet HTML 2Page - Sanyo Semicon Device ENA1931A Datasheet HTML 3Page - Sanyo Semicon Device ENA1931A Datasheet HTML 4Page - Sanyo Semicon Device ENA1931A Datasheet HTML 5Page - Sanyo Semicon Device ENA1931A Datasheet HTML 6Page - Sanyo Semicon Device ENA1931A Datasheet HTML 7Page - Sanyo Semicon Device ENA1931A Datasheet HTML 8Page - Sanyo Semicon Device ENA1931A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STK672-732B-E
No. A1931-5/23
Sample Application Circuit
Precautions
[GND wiring]
• To reduce noise on the 5V system, be sure to place the GND of C01 in the circuit given above as close as possible to
Pin 2 and Pin 6 of the hybrid IC. Also, to achieve accurate current settings, be sure to connect Vref GND to the point
where P.G1 and P.G2 share a connection.
[Input pins]
• If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to P.GND, and
do not apply a voltage greater than or equal to VDD voltage.
• Do not wire by connecting the circuit pattern on the P.C.B side to Pin 4, 11, or 18 on the N.C. shown in the internal
block diagram.
• Apply 2.5V high level input to pins 13, 17, 12, 10, 14, and 15.
• Since the input pins do not have built-in pull-up resistors, when the open-collector type pins 13, 17, 12, 10, 14, and 15
are used as inputs, a 1 to 20k
Ω pull-up resistor (to VDD) must be used.
At this time, use a device for the open collector driver that has output current specifications that pull the voltage down
to less than 0.8V at Low level (less than 0.8V at Low level when IOL=5mA).
[Current setting Vref]
If the motor current is temporarily reduced, the circuit given below (STK672-732B-E : IOH>0.2A) is recommended.
5V
R01
R02
R3
5V
R01
R02
R3
Vref
Vref
+
9
13
17
12
10
15
14
16
19
18
6
2
7
5
1
3
VDD(5V)
φA
φAB
φB
ENABLE
RESETB
FAULT1
A
AB
B
BB
Vref
R01
R03
R02
N.C
P.G1
P.G2
VCC
24V
C01
at least 100
μF
2 phase stepping motor driver
8
FAULT2
φBB
P.GND
STK672-732B-E


Similar Part No. - ENA1931A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1932A SANYO-ENA1932A Datasheet
201Kb / 23P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
ENA1935 ONSEMI-ENA1935 Datasheet
196Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.21
More results

Similar Description - ENA1931A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com