Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7252A Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7252A
Description  2A, 17V, 340/800kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7252A Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7252A Datasheet HTML 6Page - Richtek Technology Corporation RT7252A Datasheet HTML 7Page - Richtek Technology Corporation RT7252A Datasheet HTML 8Page - Richtek Technology Corporation RT7252A Datasheet HTML 9Page - Richtek Technology Corporation RT7252A Datasheet HTML 10Page - Richtek Technology Corporation RT7252A Datasheet HTML 11Page - Richtek Technology Corporation RT7252A Datasheet HTML 12Page - Richtek Technology Corporation RT7252A Datasheet HTML 13Page - Richtek Technology Corporation RT7252A Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT7252A/B
10
DS7252A/B-01 April 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7252B, VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power On from EN
Time (500
μs/Div)
IOUT
(2A/Div)
VEN
(5V/Div)
VOUT
(5V/Div)
PGOOD
(5V/Div)
RT7252B, VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power Off from EN
Time (100
μs/Div)
IOUT
(2A/Div)
VEN
(5V/Div)
VOUT
(5V/Div)
PGOOD
(5V/Div)
RT7252A, VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power On from EN
Time (500
μs/Div)
IOUT
(2A/Div)
VEN
(5V/Div)
VOUT
(5V/Div)
PGOOD
(5V/Div)
RT7252A, VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power Off from EN
Time (100
μs/Div)
IOUT
(2A/Div)
VEN
(5V/Div)
VOUT
(5V/Div)
PGOOD
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 2A
Switching
Time (500ns/Div)
VSW
(10V/Div)
VOUT
(5mV/Div)
RT7252B
VIN = 12V, VOUT = 3.3V, IOUT = 2A
Switching
Time (2.5
μs/Div)
VSW
(10V/Div)
VOUT
(5mV/Div)
RT7252A


Similar Part No. - RT7252A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7252BZSP RICHTEK-RT7252BZSP Datasheet
724Kb / 10P
   Evaluation Board
More results

Similar Description - RT7252A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
   1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
   2A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
   2A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com