Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK316BJ106ML Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # TMK316BJ106ML
Description  2A, 18V, 1.2MHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

TMK316BJ106ML Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button TMK316BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 10Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 11Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 12Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT7247B
9
DS7247B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (50
μs/Div)
Power Off from EN
VIN = 12V, VOUT = 3.3V, IOUT = 2A
VOUT
(2V/Div)
VEN
(10V/Div)
IL
(2A/Div)
Time (5ms/Div)
Power On from EN
VIN = 12V, VOUT = 3.3V, IOUT = 2A
VOUT
(2V/Div)
VEN
(10V/Div)
IL
(2A/Div)


Similar Part No. - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com