Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1507-0000-000N00G235F Datasheet(PDF) 11 Page - Cree, Inc

Part # CXA1507-0000-000N00G235F
Description  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G235F Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA1507-0000-000N00G235F Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 9Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 10Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 11Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 12Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 13Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 14Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
11
XLamp CXa1507 LED
2700K
3000K
3500K
4000K
4500K
5000K
5700K
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI C78.377 Quadrangle
EasyWhite 4-step
EasyWhite 2-step
ansi white bins
code
cct
bin
code
x
y
0e8
2700K
8A0
.4373
.3893
.4465
.4071
.4582
.4099
.4483
.3919
8B0
.4465
.4071
.4562
.4260
.4687
.4289
.4582
.4099
8C0
.4582
.4099
.4687
.4289
.4813
.4319
.4700
.4126
8D0
.4483
.3919
.4582
.4099
.4700
.4126
.4593
.3944
ansi white bins
code
cct
bin
code
x
y
0e7
3000K
7A0
.4147
.3814
.4221
.3984
.4342
.4028
.4259
.3853
7B0
.4221
.3984
.4299
.4165
.4430
.4212
.4342
.4028
7C0
.4342
.4028
.4430
.4212
.4562
.4260
.4465
.4071
7D0
.4259
.3853
.4342
.4028
.4465
.4071
.4373
.3893
cree easywhite bins Plotted on the 1931 cie color sPace (t
J = 85 °c)


Similar Part No. - CXA1507-0000-000N00G235F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507-0000-000N00G235F CREE-CXA1507-0000-000N00G235F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G235F CREE-CXA1507-0000-000N00G235F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1507-0000-000N00G235F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com