Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1540 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 1 Page - Texas Instruments

  ISO1540 Datasheet HTML 1Page - Texas Instruments ISO1540 Datasheet HTML 2Page - Texas Instruments ISO1540 Datasheet HTML 3Page - Texas Instruments ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ISO1540
ISO1541
1
2
3
4
5
6
7
8
GND2
SCL1
VCC2
VCC1
SCL2
GND1
SDA1
SDA2
Side 1
Side 2
1
2
3
4
5
6
7
8
GND2
SCL1
VCC2
VCC1
SCL2
GND1
SDA1
SDA2
Side 1
Side 2
ISO1540
ISO1541
www.ti.com
SLLSEB6A – JULY 2012 – REVISED OCTOBER 2012
Low-Power Bidirectional I2C Isolators
Check for Samples: ISO1540, ISO1541
1
FEATURES
SAFETY AND REGULATORY
APPROVALS
2
Isolated Bidirectional, I2C Compatible,
Communications
4000-VPK Isolation per DIN EN 60747-5-2
(VDE 0884 Part 2) (Pending)
Supports up to 1 MHz Operation
2500-VRMS Isolation for 1 minute per UL 1577
3-V to 5.5-V Supply Range
(Approved)
Open Drain Outputs with 3.5-mA Side 1 and
CSA Component Acceptance Notice 5A
35-mA Side 2 Sink Current Capability
(Approved)
-40°C to 125°C Operating Temperature
IEC 60950-1 and IEC 61010-1 End Equipment
±50 kV/µs Transient Immunity (Typical)
Standards (Approved)
HBM ESD Protection of 4 kV on All Pins;
8 kV on Bus Pins
APPLICATIONS
Isolated I2C Bus
SMBus and PMBus Interfaces
Open-drain Networks
Motor Control Systems
Battery Management
I2C Level Shifting
DESCRIPTION
The ISO1540 and ISO1541 are low-power, bidirectional isolators that are compatible with I2C interfaces. These
devices have their logic input and output buffers separated by TI’s Capacitive Isolation technology using a silicon
dioxide (SiO2) barrier. When used in conjunction with isolated power supplies, these devices block high voltages,
isolate grounds, and prevent noise currents from entering the local ground and interfering with or damaging
sensitive circuitry.
This isolation technology provides for function, performance, size, and power consumption advantages when
compared to opto-couplers. The ISO1540 and ISO1541 enable a complete isolated I2C interface to be
implemented within a small form factor.
The ISO1540 has two isolated bidirectional channels for clock and data lines while the ISO1541 has a
bidirectional data and a unidirectional clock channel. The ISO1541 is useful in applications that have a single
Master while the ISO1540 is ideally fit for multi-master applications.
Isolated bidirectional communications is accomplished within these devices by offsetting the Side 1 Low-Level
Output Voltage to a value greater than the Side 1 High-Level Input Voltage thus preventing an internal logic latch
that otherwise would occur with standard digital isolators.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP B.V Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO1540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
More results

Similar Description - ISO1540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com