Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1C22M Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # C3225X5R1C22M
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C22M Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button C3225X5R1C22M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT7237A
6
DS7237A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
8
27
3
27
3.3
22
22 x 2
5
62
11.8
20
3.3
15
22 x 2
3.3
75
24
13
3.3
10
22 x 2
2.5
25.5
12
9.1
3.3
6.8
22 x 2
1.5
10.5
12
4.7
3.3
3.6
22 x 2
1.2
12
24
3.6
3.3
3.6
22 x 2
1
3
12
3
3.3
3.6
22 x 2
Table 1. Suggested Components Selection
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
10µH
0.1µF
22µF x 2
R1
75k
R2
24k
VOUT
3.3V
10µF x 2
VIN
4.5V to 18V
RT7237A
SS
8
CSS
COMP
CC
3.3nF
RC
13k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1µF
COUT
Chip Enable


Similar Part No. - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com