Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J476M Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # C3225X5R0J476M
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J476M Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button C3225X5R0J476M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 13Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT7237A
10
DS7237A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive voltage
divider according to the following equation :
OUT
REF
R1
V
= V
1
R2
⎛⎞
+
⎜⎟
⎝⎠
Where VREF is the reference voltage (0.8V typ.).
External Bootstrap Diode
Connect a 0.1
μF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65% .The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
RT7237A. Note that the external boot voltage must be
lower than 5.5V
Figure 2. External Bootstrap Diode
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shut down the device. During shutdown
mode, the RT7237A quiescent current drops to lower than
3
μA. Driving the EN pin high (>2V, <18V) will turn on the
device again. For external timing control, the EN pin can
also be externally pulled high by adding a REN resistor
and CEN capacitor from the VIN pin (see Figure 3).
Soft-Start
The RT7237A provides soft-start function. The soft-start
function is used to prevent large inrush current while
converter is being powered-up. The soft-start timing can
be programmed by the external capacitor between SS and
GND. An internal current source ISS (6
μA) charges an
external capacitor to build a soft-start ramp voltage. The
VFB voltage will track the internal ramp voltage during soft-
start interval. The typical soft start time is calculated as
follows :
SS
SS
SS
SS
0.8 C
Soft-Start time t
=
, if C
capacitor
I
0.8 0.1
is 0.1 F, then soft-start time =
13.5ms
6
μ
μ
μ
×
×
An external MOSFET can be added to implement digital
control on the EN pin when no system voltage above 2.5V
is available, as shown in Figure 4. In this case, a 100k
Ω
pull-up resistor, REN, is connected between VIN and the
EN pin. MOSFET Q1 will be under logic control to pull
down the EN pin.
Figure 3. Enable Timing Control
Figure 4. Digital Enable Control Circuit
RT7237A
GND
FB
R1
R2
VOUT
RT7237A
EN
GND
VIN
REN
CEN
EN
RT7237A
EN
GND
100k
VIN
REN
Q1
EN
SW
BOOT
5V
RT7237A
0.1µF


Similar Part No. - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X5R0J476M TDK-C3225X5R0J476M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Richtek Technology Corp...
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com