Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CR60J476M Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # GRM31CR60J476M
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM31CR60J476M Datasheet(HTML) 2 Page - Richtek Technology Corporation

  GRM31CR60J476M Datasheet HTML 1Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 2Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 3Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 4Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT7237A
2
DS7237A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 0.1
μF or greater ceramic
capacitor from BOOT to SW pin.
2
VIN
Supply Voltage Input, 4.5V to 18V. Must bypass with a suitable large ceramic
capacitor.
3
SW
Switch Node. Connect this pin to an external L-C filter.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input. It is used to regulate the output of the converter to a set value
via an external resistive voltage divider.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Enable Input. A logic high enables the converter; a logic low forces the IC into
shutdown mode reducing the supply current to less than 3
μA.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
μF capacitor sets the
soft-start period to 13.5ms.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
Marking Information
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT7237A
Lead Plating System
G : Green (Halogen Free and Pb Free)
H : UVP Hiccup
L : UVP Latch-Off
N : UVP Disabled
RT7237AxGSP : Product Number
x : H or L or N
YMDNN : Date Code
RT7237Ax
GSPYMDNN


Similar Part No. - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Murata Manufacturing Co...
GRM31CR60J476M MURATA-GRM31CR60J476M Datasheet
35Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 47關F 6.3V
logo
Richtek Technology Corp...
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
2Mb / 22P
   Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
More results

Similar Description - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com