Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX412AQF Datasheet(PDF) 6 Page - Sony Corporation

Part # ICX412AQF
Description  Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412AQF Datasheet(HTML) 6 Page - Sony Corporation

Back Button ICX412AQF Datasheet HTML 2Page - Sony Corporation ICX412AQF Datasheet HTML 3Page - Sony Corporation ICX412AQF Datasheet HTML 4Page - Sony Corporation ICX412AQF Datasheet HTML 5Page - Sony Corporation ICX412AQF Datasheet HTML 6Page - Sony Corporation ICX412AQF Datasheet HTML 7Page - Sony Corporation ICX412AQF Datasheet HTML 8Page - Sony Corporation ICX412AQF Datasheet HTML 9Page - Sony Corporation ICX412AQF Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
– 6 –
ICX412AQF
Drive Clock Waveform Conditions
(1) Readout clock waveform
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
(2) Vertical transfer clock waveform
100%
90%
10%
0%
tr
tf
0V
twh
φM
2
φM
VVT
VVH1
VVHH
VVHL
VVH
VVLH
VVL1
VVLL
VVHL
VVHH
VVL
VVH2
VVHH
VVHH
VVHL
VVHL
VVH
VVLH
VVL2
VVLL
VVL
VVHH
VVH
VVLH
VVLL
VVL
VVHL
VVL3
VVHL
VVH3
VVHH
VVH
VVL
VVHL
VVLH
VVLL
VVHL
VVH4
VVHH
VVHH
VVL4
V
φ1A, Vφ1B
V
φ3A, Vφ3B
V
φ2
V
φ4


Similar Part No. - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412 SONY-ICX412 Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
ICX412 SONY-ICX412 Datasheet
330Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
More results

Similar Description - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com