Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX412AQF Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX412AQF
Description  Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412AQF Datasheet(HTML) 4 Page - Sony Corporation

  ICX412AQF Datasheet HTML 1Page - Sony Corporation ICX412AQF Datasheet HTML 2Page - Sony Corporation ICX412AQF Datasheet HTML 3Page - Sony Corporation ICX412AQF Datasheet HTML 4Page - Sony Corporation ICX412AQF Datasheet HTML 5Page - Sony Corporation ICX412AQF Datasheet HTML 6Page - Sony Corporation ICX412AQF Datasheet HTML 7Page - Sony Corporation ICX412AQF Datasheet HTML 8Page - Sony Corporation ICX412AQF Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
– 4 –
ICX412AQF
Bias Conditions
Supply voltage
Protective transistor bias
Substrate clock
Reset gate clock
Item
VDD
VL
φSUB
φRG
Symbol
15.0
1
2
2
Min.
V
Unit
Remarks
Typ.
Max.
1 V
L
setting is the VVL voltage of the vertical clock waveform, or the same voltage as the VL power supply for
the V driver should be used.
2 Do not apply a DC bias to the substrate clock and reset gate clock pins, because a DC bias is generated
within the CCD.
DC Characteristics
14.55
15.45
Supply current
Item
IDD
Symbol
7.5
Min.
Unit
Remarks
Typ.
Max.
mA
9.5
5.5
Clock Voltage Conditions
Readout clock voltage
Vertical transfer clock
voltage
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Item
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
VCR
V
φRG
VRGLH – VRGLL
VRGL – VRGLm
V
φSUB
Symbol
14.55
–0.05
–0.2
–8.0
6.8
–0.25
–0.25
4.0
–0.05
0.8
3.0
21.5
Min.
15.0
0
0
–7.5
7.5
5.0
0
2.5
3.3
22.5
Typ.
15.45
0.05
0.05
–7.0
8.05
0.1
0.1
0.8
0.9
0.9
0.8
5.25
0.05
5.25
0.4
0.5
23.5
Max.
Unit
1
2
2
2
2
2
2
2
2
2
2
3
3
3
4
4
4
5
Waveform
Diagram
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Cross-point voltage
Low-level coupling
Low-level coupling
Remarks
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V


Similar Part No. - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412 SONY-ICX412 Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
ICX412 SONY-ICX412 Datasheet
330Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
More results

Similar Description - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com