Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK316BJ106ML Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # TMK316BJ106ML
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

TMK316BJ106ML Datasheet(HTML) 3 Page - Richtek Technology Corporation

  TMK316BJ106ML Datasheet HTML 1Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 2Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 3Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 4Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT7237A
3
DS7237A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
1.8V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
VA VCC
6µA
Slope Comp
Current
Comparator
+
-
EA
0.8V
S
R
Q
Q
SS
+
-
1.2V
Lockout
Comparator
VCC
+
130m
Ω
150m
Ω
VA
RSENSE
5k
Ω


Similar Part No. - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com