Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73402 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN73402
Description  LED Backlight Driving Boost Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN73402 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN73402 Datasheet HTML 1Page - Fairchild Semiconductor FAN73402 Datasheet HTML 2Page - Fairchild Semiconductor FAN73402 Datasheet HTML 3Page - Fairchild Semiconductor FAN73402 Datasheet HTML 4Page - Fairchild Semiconductor FAN73402 Datasheet HTML 5Page - Fairchild Semiconductor FAN73402 Datasheet HTML 6Page - Fairchild Semiconductor FAN73402 Datasheet HTML 7Page - Fairchild Semiconductor FAN73402 Datasheet HTML 8Page - Fairchild Semiconductor FAN73402 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73402 • 1.0.0
3
Pin Assignments
Figure 2. Package Diagram
Pin Definitions
Pin #
Name
Description
1
VCC
This pin is the supply voltage of the IC.
2
DRV
This pin is the gate drive signal of the boost switch.
3
GND
This pin is the ground of the IC.
4
CS
This pin is for sensing the current flowing through an external MOSFET. It includes a built-in
300ns blanking time. The peak of the current flowing through the MOSFET is limited to this
pin voltage. Slope compensation of the boost controller can be programmed through the
series resistor of this pin.
5
REF
This pin is the 5V reference voltage pin. Maximum current capability is 3mA.
6
FAULT
This pin is for indicating the fault signal. This pin is connected to the open drain. When OLP
protection is occurred, the FAULT pin is pulled HIGH.
7
RT
Oscillator frequency set of the boost switch (50kHz ~ 300kHz).
8
SENSE
This pin is for sensing the current flowing through the LEDs. A sensing resistor is connected
from this pin to ground. This pin is connected to the negative input of the internal error
amplifier.
9, 10
DRAIN
Drain pin of PWM dimming power MOSFET.
12
ENA
Enable input pin. If voltage of this pin is higher than 1.22V, the IC starts to operate. If the
voltage of this pin is lower than 1.15V, the IC stops operating.
13
OVP
Over-voltage protection input pin. Output voltage of the boost circuit is connected to this pin
through a resistor divider circuit. If this pin voltage is higher than 3V, OVP is triggered.
14
CMP
This pin is the error amplifier output. Typically, a compensation capacitor and resistor are
connected to this pin from the ground.
15
ADIM
This pin is for setting the current flowing through the LEDs. This pin is connected to the
positive inputs of the internal error amplifier. Linear voltage range of ADIM is 0.3V~3.0V.
16
BDIM
This pin is for the burst dimming signal. If this pin voltage is HIGH, the internal dimming
MOSFET is turned on. If this pin voltage is LOW, the dimming MOSFET is turned off.
Note:
1. Pin 11 is a “No Connect” pin (not shown in Figure 2).


Similar Part No. - FAN73402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73402 ONSEMI-FAN73402 Datasheet
810Kb / 18P
   LED Backlight Driving Boost Switch
July 2013
FAN73402MX ONSEMI-FAN73402MX Datasheet
810Kb / 18P
   LED Backlight Driving Boost Switch
July 2013
More results

Similar Description - FAN73402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73402 ONSEMI-FAN73402 Datasheet
810Kb / 18P
   LED Backlight Driving Boost Switch
July 2013
FAN7340 ONSEMI-FAN7340 Datasheet
794Kb / 18P
   LED Backlight Driving Boost Switch
July 2013
logo
Fairchild Semiconductor
FAN7340 FAIRCHILD-FAN7340 Datasheet
1Mb / 16P
   LED Backlight Driving Boost Switch
logo
AU Optronics Corp.,
B140XTN02.A AUO-B140XTN02.A Datasheet
679Kb / 33P
   LED Backlight with driving circuit design
B140XW01 AUO-B140XW01 Datasheet
653Kb / 28P
   LED Backlight with driving circuit design
B140RW02 AUO-B140RW02 Datasheet
708Kb / 31P
   LED Backlight with driving circuit design
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
AU Optronics Corp.,
B116XW03 AUO-B116XW03 Datasheet
650Kb / 30P
   LED Backlight with driving circuit design
B156XW02 AUO-B156XW02 Datasheet
545Kb / 36P
   LED Backlight with driving circuit design
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com