Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX406AQF Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX406AQF
Description  Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX406AQF Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX406AQF Datasheet HTML 6Page - Sony Corporation ICX406AQF Datasheet HTML 7Page - Sony Corporation ICX406AQF Datasheet HTML 8Page - Sony Corporation ICX406AQF Datasheet HTML 9Page - Sony Corporation ICX406AQF Datasheet HTML 10Page - Sony Corporation ICX406AQF Datasheet HTML 11Page - Sony Corporation ICX406AQF Datasheet HTML 12Page - Sony Corporation ICX406AQF Datasheet HTML 13Page - Sony Corporation ICX406AQF Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
– 10 –
ICX406AQF
Image Sensor Characteristics Measurement Method
Measurement conditions
(1) In the following measurements, the device drive conditions are at the typical values of the bias and clock
voltage conditions, and the frame readout mode is used.
(2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output, which is taken as the value of the Gr/Gb
channel signal output or the R/B channnel signal output of the measurement system.
Color coding of this image sensor & Readout
The primary color filters of this image sensor are arranged in
the layout shown in the figure on the left (Bayer arrangement).
Gr and Gb denote the G signals on the same line as the R
signal and the B signal, respectively.
For frame readout, the A1 and A2 lines are output as signals in
the A field, and the B1 and B2 lines in the B field.
Gb
B
Gb
B
RGr
R
Gr
Gb
B
Gb
B
RGr
R
Gr
B2
B1
A2
A1
Horizontal register
Color Coding Diagram


Similar Part No. - ICX406AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX406 SONY-ICX406 Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results

Similar Description - ICX406AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com