Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48630UC33X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN48630UC33X
Description  2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48630UC33X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN48630UC33X Datasheet HTML 1Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 2Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 3Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 4Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 5Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 6Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 7Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 8Page - Fairchild Semiconductor FAN48630UC33X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48630 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
VIN Input Voltage
-0.3
6.5
V
VOUT
VOUT Output Voltage
6.0
V
SW Node
DC
-0.3
8.0
V
Transient: 10 ns, 3 MHz
-1.0
8.0
V
Other Pins
-0.3
6.5
(3)
V
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
3.0
kV
Charged Device Model per JESD22-C101
1.5
kV
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
3.
Lesser of 6.5 V or VIN + 0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding
them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VIN
Supply Voltage
2.35
5.50
V
IOUT
Output Current
0
1500
mA
TA
Ambient Temperature
–40
+85
°C
TJ
Junction Temperature
–40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
Fairchild evaluation boards (1 oz copper on all layers). Special attention must be paid not to exceed junction temperature TJ(max) at
a given ambient temperate TA.
Symbol
Parameter
Typical
Unit
JA
Junction-to-Ambient Thermal Resistance
80
°C/W
JB
Junction-to-Board Thermal Resistance
42


Similar Part No. - FAN48630UC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48630UC33X ONSEMI-FAN48630UC33X Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
More results

Similar Description - FAN48630UC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
   Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
FAN48630 ONSEMI-FAN48630 Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com