Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7319 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7319
Description  LCD Backlight Inverter Drive IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7319 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7319 Datasheet HTML 3Page - Fairchild Semiconductor FAN7319 Datasheet HTML 4Page - Fairchild Semiconductor FAN7319 Datasheet HTML 5Page - Fairchild Semiconductor FAN7319 Datasheet HTML 6Page - Fairchild Semiconductor FAN7319 Datasheet HTML 7Page - Fairchild Semiconductor FAN7319 Datasheet HTML 8Page - Fairchild Semiconductor FAN7319 Datasheet HTML 9Page - Fairchild Semiconductor FAN7319 Datasheet HTML 10Page - Fairchild Semiconductor FAN7319 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7319 • 1.0.1
7
Electrical Characteristics (Continued)
For typical values, TA = 25°C, VIN = 15V, and -25°C ≤ TA ≤ 85°C, unless otherwise specified. Specifications to TA =
-25°C ~ 85°C are guaranteed by design based on final characterization results.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Error Amplifier Section
AV
Open-Loop Gain
(3)
24
dB
Gm
Error Amplifier Transconductance
20
40
60
mho
lsin
Output Sink Current
OLP = 2.25V
30
50
70
A
lsur1
Output Source Current 1
OLP = 0V
20
40
60
A
lsur2
Output Source Current 2
CMP = 2.7V
1.4
2.0
2.6
A
Ibsin
Burst CMP Sink Current
38
52
66
A
Iolpi
OLP Input Current
OLP = 2V
-1
0
1
A
Iolpo
OLP Output Current
OLP = -2V
10
20
30
A
Volpr
OLP Input Voltage Range
(3)
-4
4
V
Valim
ADIM Limit Voltage
ADIM = 2V
1.5
V
Voff1
Error Amplifier Offset
TA = 25°C, VADIM = 1V
0.97
1.00
1.03
V
-25°C ≤ TA ≤ 85°C,
VADIM = 1V
0.96
1.00
1.04
V
Open-Lamp Regulation Section
Iolr1
Error Amplifier Source Current for
Open-Lamp Regulation
Striking, OLR =
Volr1+0.05
2.5
3.0
3.5
A
Iolr2
OLR = 3.1V
-1
0
1
A
Volr1
Open-Lamp Regulation Voltage 1
Striking
1.85
2.00
2.15
V
Volr2
Open-Lamp Regulation Voltage 2
Striking
2.8
3.0
3.2
V
Volr3
Open-Lamp Regulation Voltage 3
3.05
3.25
3.45
V
Iolrsi
OLR Error Amplifier Sink Current
Normal, OLR = 3.5V
15.0
42.5
70.0
A
Iolri
OLR Input Current
OLR = 2.5V
-1
0
1
A
Iolro
OLR Output Current
OLR = -2.5V
15
25
35
A
Volrr
OLR Input Voltage Range
(3)
-4
4
V
Continued on the following page…


Similar Part No. - FAN7319

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
FAN7310G FAIRCHILD-FAN7310G Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7310G FAIRCHILD-FAN7310G Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
More results

Similar Description - FAN7319

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com