Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4146SX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN4146SX
Description  Ground Fault Interrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4146SX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN4146SX Datasheet HTML 1Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 2Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 3Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 4Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 5Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 6Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 7Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 8Page - Fairchild Semiconductor FAN4146SX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4146 • Rev. 1.0.0
5
Functional Description
Refer to Figure 1 and Figure 3.
The FAN4146 is a two-wire GFCI controller for AC
ground-fault-circuit interrupters. The internal rectifier
circuit is biased by the AC line during the positive half
cycle of the AC line voltage. The internal 12V shunt
regulator uses a precision temperature-compensated
bandgap reference. The combination of precision
reference circuitry and precision sense amplifier
provides for an accurate ground-fault tolerance. This
allows for selection of external components with wider
and lower-cost parameter variation. Due to the low
quiescent current, a high value external series resistor
(R1) can be used which reduces the maximum power
wattage required for this resistor. The 12V shunt
regulator generates the reference voltage VREF for the
sense amplifier’s (A1) non-inverting input (AC ground
reference) and supplies the bias for the delay timer (t1),
comparators (C1 & C2), and the SCR driver.
The secondary winding of the sense transformer is
directly DC coupled to the inverting input of the sense
amplifier at pin 5 (VFB). The RSET resistor converts the
sense transformer’s secondary current to a voltage at
pin 6 (AmpOut). This voltage is compared to the internal
window comparator (C1 & C2) and, when the AmpOut
voltage exceeds the +/-VTH threshold voltage, the
window comparator triggers the internal delay timer.
The output of the window comparator must stay HIGH
for the duration of the t1 timer. If the window
comparator’s output momentarily goes LOW, the t1
timer resets. If the window comparator’s output is still
HIGH at the end of the t1 pulse, the SCR driver enables
the current source I1 and disables Q1. The current
source I1 then enables the external SCR, which
energizes the solenoid, opens the contact switches to
the load, and removes the hazardous ground fault. The
window comparator allows detection of a positive or
negative IFAULT signal independent from the phase of
the line voltage. An internal under-voltage lockout circuit
disables the SCR driver if the voltage at pin 3 (LINE) is
below 7.5V. This prevents the SCR from energizing the
solenoid when the SCR’s anode voltage is below 65V.
The sense transformer typically has a toroidal core
made of laminated steel rings or solid ferrite material.
The secondary of the transformer is typically 1000 turns
of #40 wire wound through the toroid. The primary is
typically one turn made by passing the AC hot and
neutral wires through the center of the toroid. When a
ground fault exists, a difference exists between the
current flowing in hot and neutral wires. The primary
difference current divided by the primary-to-secondary
turns ratio is the current that flows through the
secondary wire of the transformer.
Calculation of RSET Resistor
The
AmpOut
signal
must
exceed
the
window
comparator’s VTH threshold voltage for longer than the
delay timer and calculated by:
VTH=IFAULT x 1.41 x RSET x COS(2π x (t/2P)) / N
(1)
RSET = (VTH x N) / (1.41 x IFAULT x COS(π x t/P))
(2)
where:
VTH
=3.5V
IFAULT = 5mA (UL943B)
t
= 1ms (timer delay)
P
= Period of the AC Line (1/60Hz)
N
= Ratio of secondary to primary turns (1000:1)
RSET = 505K
Ω (511KΩ standard 1% value)
In practice, the transformer is non-ideal, so RSET may
need to be adjusted by up to 30% to obtain the desired
Ifault trip threshold.
Calculation of VOS Trip Threshold Error
Since the sense coil is directly connected to the
feedback of the sense amplifier, the VOS offset
introduces an Ifault threshold error. This error can be
calculated as follows:
%Error=100 x (VOS x RSET) / (RIN + RLDC + RLAC) / VTH
(3)
where:
VOS
=
+/-450µV (worst case)
+/-150µV (typical)
RSET
= 511K
Ω
RIN
= 470
Ω (typical value)
RLDC = 75
Ω (sense coil secondary DC resistance)
RLAC = 1.5 KΩ (AC(jωL) impedance of sense coil),
L= 4H, f= 60Hz)
VTH
= 3.5V
%Error=
+/- 3.2% (worst case)
+/- 1.1% (typical)


Similar Part No. - FAN4146SX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4146SX ONSEMI-FAN4146SX Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results

Similar Description - FAN4146SX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com