Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2106MPX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN2106MPX
Description  TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106MPX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2106MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 14Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 • Rev. 1.1.2
11
MOSFET is fully enhanced. The fault latch is set
immediately upon detection.
The OV and high-side short fault protections are active
all the time, including during soft-start.
Over-Temperature Protection (OTP)
The chip incorporates an over-temperature protection
circuit that sets the fault latch when a die temperature of
about 150°C is reached. The IC restarts when the die
temperature falls below 125°C.
Auto-Restart
After a fault, EN pin is discharged by a 1 µA current sink
to a 1.1 V threshold before the internal 800 K
Ω pull-up is
restored. A new soft-start cycle begins when EN
charges above 1.35 V.
Depending on the external circuit, the FAN2106 can be
configured to remain latched-off or to automatically
restart after a fault.
Table 1. Fault / Restart Configurations
EN Pin
Controller / Restart State
Pull to GND
OFF (Disabled)
Pull-up to VCC with
100 K
No Restart – Latched OFF
(After VCC Comes Up)
Open
Immediate Restart After Fault
Cap. to GND
New Soft-Start Cycle After:
tDELAY (ms)=3.9 • C(nf)
When EN is left open, restart is immediate.
If auto-restart is not desired, tie the EN pin to the VCC
pin or pull it HIGH after VCC comes up with a logic gate
to keep the 1 µA current sink from discharging EN to
1.1 V. Figure 23 shows one method to pull up EN to VCC
for a latch configuration.
14
FAN2106
15
100K
EN
VCC
3.3n
Figure 23.
Enable Control with Latch Option
Power-Good (PGOOD) Signal
PGOOD is an open-drain output that asserts LOW when
VOUT is out of regulation, as measured at the FB pin.
Thresholds are specified in the Electrical Specifications
section. PGOOD does not assert HIGH until the fault
latch is enabled (T1.0) (see Figure 22).
Application Information
Bias Supply
The FAN2106 requires a 5 V supply rail to bias the IC
and provide gate-drive energy. Connect a
≥ 1.0 µf X5R
or X7R decoupling capacitor between VCC and PGND.
Since VCC is used to drive the internal MOSFET gates,
supply current is frequency and voltage dependent.
Approximate VCC current (ICC) can be calculated using:
)]
128
f
(
)
013
.
0
227
5
V
[(
58
.
4
I
CC
)
mA
(
CC
+
+
=
(1)
where frequency (f) is expressed in KHz.
Setting the Output Voltage
The output voltage of the regulator can be set from
0.8 V to 80% of VIN by an external resistor divider (R1
and RBIAS in Figure 1). For output voltages > 5 V, output
current rating may need to be de-rated depending upon
the ambient temperature, power dissipated in the
package and the PCB layout.
The external resistor divider is calculated using:
nA
650
1
R
V
8
.
0
V
R
V
8
.
0
OUT
BIAS
+
=
(2)
Connect RBIAS between FB and AGND.
If R1 is open (see Figure 1), the output voltage is not
regulated eventually causing a latched fault after the soft
start is complete (T1.0)
If the parallel combination of R1 and RBIAS is
≤ 1KΩ, the
internal SS ramp is not released and the regulator does
not start.
Setting the Switching Frequency
Switching frequency is determined by an external resistor,
RT, connected between the R(T) pin and AGND:
65
135
)
f
/
10
(
R
6
)
K
(
T
=
Ω
(3)
where RT is in K
Ω and frequency (f) is in KHz.
The regulator cannot start if RT is left open.
Calculating the Inductor Value
Typically the inductor value is chosen based on ripple
current (
ΔIL), which is chosen between 10 to 35% of the
maximum DC load. Regulator designs that require fast
transient response use a higher ripple-current setting,
while regulator designs that require higher efficiency
keep ripple current on the low side and operate at a
lower switching frequency.
The inductor value is
calculated by the following formula:
f
L
D)
-
(1
V
I
OUT
L
=
Δ
(4)
where f is the switching frequency.


Similar Part No. - FAN2106MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2106MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com