Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2106MPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN2106MPX
Description  TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106MPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN2106MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN2106MPX_12 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 • Rev. 1.1.2
9
Typical Performance Characteristics (Continued)
Typical operating characteristics using the circuit shown in Figure 10. VIN=12 V, VCC=5 V, unless otherwise specified.
Figure 15. SW and VOUT Ripple, 6 A Load
Figure 16. Startup with 1 V Pre-Bias on VOUT
Figure 17. Transient Response, 2-6 A Load
Figure 18.
Re-Start on Fault
Figure 19. Startup, 3 A Load
Figure 20.
Shutdown, 3 A Load
VOUT
SW
VOUT
SW
IOUT
SW
VOUT
EN
PGOOD
PGOOD
EN
EN
VOUT
VOUT


Similar Part No. - FAN2106MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2106MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com