Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2103EMPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN2103EMPX
Description  3 A, 24 V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103EMPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN2103EMPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 • Rev. 1.0.8
3
Pin Configuration
Figure 3. MLP 5x6 mm Pin Configuration (Bottom View)
Pin Definitions
Pin
Name
Description
P1, 6-12
SW
Switching Node
.
P2, 2-5
VIN
Power Input Voltage
. Connect to the main input power source.
P3, 21-23
PGND
Power Ground
. Power return and Q2 source.
1
BOOT
High-side Drive BOOT Voltage
. Connect through capacitor (CBOOT) to SW. The IC includes
an internal synchronous bootstrap diode to recharge the capacitor on this pin to VCC when
SW is LOW.
13
PGOOD
Power-Good Flag
. An open-drain output that pulls LOW when FB is outside a ±10% range
of the reference when EN is HIGH. PGOOD does not assert HIGH until the fault latch is
enabled.
14
EN
ENABLE
. Enables operation when pulled to logic HIGH or left open. Toggling EN resets the
regulator after a latched fault condition. This input has an internal pull-up when the IC is
functioning normally. When a latched fault occurs, EN is discharged by a current sink.
15
VCC
Input Bias Supply for IC
. The IC’s logic and analog circuitry are powered from this pin.
16
AGND
Analog Ground
. The signal ground for the IC. All internal control voltages are referred to
this pin. Tie this pin to the ground island/plane through the lowest impedance connection.
17
ILIM
Current Limit
. A resistor (RILIM) from this pin to AGND can be used to program the current-
limit trip threshold lower than the default setting.
18
R(T)
Oscillator Frequency
. A resistor (RT) from this pin to AGND sets the PWM switching
frequency.
19
FB
Output Voltage Feedback
. Connect through a resistor divider to the output voltage.
20
COMP
Compensation
. Error amplifier output. Connect the external compensation network between
this pin and FB.
24
NC
No Connect
. This pin is not used.
25
RAMP
Ramp Amplitude
. A resistor (RRAMP) connected from this pin to VIN sets the ramp amplitude
and provides voltage feedforward functionality.


Similar Part No. - FAN2103EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2103EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
   3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Texas Instruments
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com