Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN21SV04EMPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN21SV04EMPX
Description  TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV04EMPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN21SV04EMPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV04 • Rev. 1.0.3
9
Typical Performance Characteristics
Typical operating characteristics using the Figure 10 circuit; VIN=12 V, VCC=5 V, TA=25°C, unless otherwise specified.
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
3.5
4
Load(A)
8V
12V
16V
20V
1.8V_Eff 8-20V_500kHz
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
3.5
4
Load(A)
8Vin
12Vin
16Vin
20Vin
3.3V Eff 8-20V 500kHz
Figure 12.
1.8 VOUT Efficiency Over VIN vs. Load
Figure 13. 3.3 VOUT Efficiency, 500 KHz
(4)
70
75
80
85
90
95
00.5
11.5
22.5
33.5
4
Load(A)
8V
12V
16V
20V
1.8V_Eff 8-20V_300kHz
70
75
80
85
90
95
0
0.511.5
2
2.533.5
4
Load(A)
8V
12V
16V
20V
3.3V_Eff 8-20V_300kHz
Figure 14. 1.8 VOUT Efficiency, 300 KHz
(4)
Figure 15. 3.3 VOUT Efficiency, 300 KHz
(4)
70
75
80
85
90
95
00.511.5
22.533.5
4
Load (A)
8V
12V
16V
20V
1.2V_Eff 8-20V_500kHz
70
75
80
85
90
95
0
0.5
1
1.522.533.5
4
Load(A)
8Vin
12Vin
16Vin
20Vin
5V_Eff 8-20V_300kHz
Figure 16. 1.2 VOUT Efficiency, 500 KHz (Figure 11)
Figure 17. 5 VOUT Efficiency, 300 KHz
(4)
Note:
4.
Circuit values for this configuration change in Figure 10.


Similar Part No. - FAN21SV04EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV04EMPX FAIRCHILD-FAN21SV04EMPX Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
More results

Similar Description - FAN21SV04EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com