Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D44C8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # D44C8
Description  NPN Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

D44C8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  D44C8_10 Datasheet HTML 1Page - Fairchild Semiconductor D44C8_10 Datasheet HTML 2Page - Fairchild Semiconductor D44C8_10 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
D44C8 Rev. B2
1
January 2010
D44C8
NPN Power Amplifier
• Sourced from process 4P.
Absolute Maximum Ratings T
A=25°C unless otherwise noted
Electrical Characteristics T
A=25°C unless otherwise noted
Thermal Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
60
V
IC
Collector Current
- Continuous
4.0
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage IC = 100mA, IB = 0
60
V
ICES
Collector-Emitter-(Base)Short
VCE = 70V, IE = 0
10
μA
IEBO
Emitter-Cutoff Current
VEB = 5.0V, IB = 0
100
μA
On Characteristics
hFE
DC Current Gain
VCE = 1.0V, IC = 0.2A
VCE = 1.0V, IC = 2.0A
40
20
120
VCE (sat)
Collector-Emitter Saturation Voltage
IC = 1.0A, IB = 50mA
0.5
V
VBE (sat)
Base-Emitter Saturation Voltage
IC = 1.0A, IB = 100mA
1.3
V
Small Signal Characteristics
Cob
Output Capacitance
VCB = 10V, f = 1.0MHz
100
pF
fT
Current Gain Bandwidth Product
IC = 20mA, VCE = 4.0V
40
MHz
tON
td, Delay Time
tr , Rise Time
IC = 1.0A,
IB1 = IB2 = 0.1A,
VCC = 30V, tp = 25μs
54
490
ns
tOFF
ts , Storage Time
tf , Fall Time
636
59
ns
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
60
480
W
mW/
°C
RθJC
Thermal Resistance, Junction to Case
2.1
°C/W
RθJA
Thermal Resistance, Junction to Ambient
62.5
°C/W
1
TO-220
1. Base 2. Collector 3. Emitter


Similar Part No. - D44C8_10

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
D44C8 BOCA-D44C8 Datasheet
148Kb / 3P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
D44C8 SAVANTIC-D44C8 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
D44C8 SAVANTIC-D44C8 Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
D44C8 NJSEMI-D44C8 Datasheet
645Kb / 3P
   Silicon NPN Power Transistors
logo
Central Semiconductor C...
D44C8 CENTRAL-D44C8 Datasheet
355Kb / 2P
   SILICON NPN POWER TRANSISTORS
More results

Similar Description - D44C8_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
D44H8 FAIRCHILD-D44H8 Datasheet
153Kb / 4P
   NPN Power Amplifier
logo
Samsung semiconductor
KSC1072 SAMSUNG-KSC1072 Datasheet
72Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
KSC2710 SAMSUNG-KSC2710 Datasheet
65Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
KSC3488 SAMSUNG-KSC3488 Datasheet
69Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
logo
Microsemi Corporation
2N4234 MICROSEMI-2N4234 Datasheet
56Kb / 2P
   NPN POWER AMPLIFIER SILICON TRANSISTOR
logo
Samsung semiconductor
KSC2310 SAMSUNG-KSC2310 Datasheet
73Kb / 2P
   NPN (HIGH VOLTAGE POWER AMPLIFIER)
logo
American Microsemicondu...
2N5481 AMMSEMI-2N5481 Datasheet
1Mb / 1P
   NPN UHF POWER Amplifier Transistor
logo
New Jersey Semi-Conduct...
2N4234 NJSEMI-2N4234 Datasheet
79Kb / 2P
   NPN POWER AMPLIFIER SILICON TRANSISTOR
logo
Samsung semiconductor
KSC2859 SAMSUNG-KSC2859 Datasheet
64Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
KSD227 SAMSUNG-KSD227 Datasheet
72Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com