Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXS2010VLQ120R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPXS2010VLQ120R
Description  PXS20 Microcontroller
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS2010VLQ120R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPXS2010VLQ120R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS2010VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
Introduction
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the devices.
This document provides electrical specifications, pin assignments, and package diagrams for the PXS20 series of
microcontroller units (MCUs). For functional characteristics, see the PXS20 Microcontroller Reference Manual. For use of the
PXS20 in a fail-safe system according to safety standard IEC 61508, see the Safety Application Guide for MPC5643L.
The PXS20 MCU series is available in two silicon versions, or “cuts”. These are referred to as “cut1” and “cut2” throughout
this document. Functional differences between the two cuts are clearly identified with the labels “cut1” and “cut2”.
1.2
Description
The PXS20 series microcontrollers are system-on-chip devices that are built on Power Architecture technology and contain
enhancements that improve the architecture’s fit in embedded applications, include additional instruction support for digital
signal processing (DSP) and integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital
converter, Controller Area Network, and an enhanced modular input-output system.
The PXS20 family of 32-bit microcontrollers is the latest achievement in integrated safety controllers. The advanced and
cost-efficient host processor core of the PXS20 family complies with the Power Architecture embedded category. It operates at
speeds as high as 120 MHz and offers high-performance processing optimized for low power consumption. It capitalizes on the
available development infrastructure of current Power Architecture devices and is supported with software drivers, operating
systems and configuration code to assist with users’ implementations.
1.3
Device comparison
Table 1. PXS20 Family Feature Set
Feature
PXS20
CPU
Type
2 × e200z4
(in lock-step or decoupled operation)
Architecture
Harvard
Execution speed
0 – 120 MHz (+2% FM)
DMIPS intrinsic performance
> 240 MIPS
SIMD (DSP + FPU)
Yes
MMU
16 entry
Instruction set PPC
Yes
Instruction set VLE
Yes
Instruction cache
4 KB, EDC
MPU-16 regions
Yes, replicated module
Semaphore unit (SEMA4)
Yes
Buses
Core bus
AHB, 32-bit address, 64-bit data
Internal periphery bus
32-bit address, 32-bit data


Similar Part No. - SPXS2010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS2010VLQ120R FREESCALE-SPXS2010VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - SPXS2010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20RM FREESCALE-PXS20RM Datasheet
7Mb / 1368P
   PXS20 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com