Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXS3010VMS2R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPXS3010VMS2R
Description  PXS30 Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS3010VMS2R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPXS3010VMS2R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXS3010VMS2R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
10
Configurable bus speed modes
Support for 2 MB address space
Chip select and write/byte enable options as presented in the pin-muxing table in Section 2,
Package pinouts and signal descriptions
Configurable wait states (via chip selects)
Optional automatic CLKOUT gating to save power and reduce EMI
1.5.8
On-chip flash memory
Up to 2 MB Code flash memory with ECC
64 KB Data flash memory with ECC
Censorship protection scheme to prevent flash content visibility
Multiple block sizes to support features such as boot block, operating system block, and EEPROM
emulation
Read-while-write with multiple partitions
Parallel programming mode to support rapid end of line programming
Hardware programming state machine
1.5.9
Cache memory
Harvard architecture cache
16 KB instruction / 16 KB data
Four-way set-associative Harvard (instruction and data) 256-bit long cache
— Two 32-bit fetches per clock
— Eight-entry store buffer
— Way locking
— Supports tag and data parity
1.5.10
On-chip internal static RAM (SRAM)
Up to 512 KB general-purpose SRAM
ECC performs single-bit correction, double-bit error detection
— Address included in ECC checkbase
1.5.11
DRAM controller
The DRAM controller (available only on 473-pin devices) is a multi-port controller that monitors
incoming requests on the three AHB slave ports and decides (at each rising clock edge) what command
needs to be sent to the external DRAM.
The DRAM controller on this device supports the following types of memories:
Mobile DDR (mDDR)


Similar Part No. - MPXS3010VMS2R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXS1005VLQ120R FREESCALE-MPXS1005VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
MPXS1005VLQ120R FREESCALE-MPXS1005VLQ120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXS1005VLQ64R FREESCALE-MPXS1005VLQ64R Datasheet
717Kb / 130P
   PXD10 Microcontroller
MPXS1005VLQ64R FREESCALE-MPXS1005VLQ64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXS1005VLU120R FREESCALE-MPXS1005VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - MPXS3010VMS2R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
   PXS30 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com