Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXR2005VMM120R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXR2005VMM120R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXR2005VMM120R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXR2005VMM120R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXR2005VMM120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
4
2.2
Block Diagram
Figure 1 and Figure 2 show the block diagram of the PXS20 microcontrollers.
Modules
(cont.)
Sine-wave generator (SWG)
32 point
Serial peripheral interface (SPI)
3 × SPI
as many as 8 chip selects
Cyclic redundancy checker (CRC) unit
Yes
Junction temperature sensor (TSENS)
Yes, replicated module
Digital I/Os
 16
Supply
Device power supply
3.3 V with integrated bypassable ballast transistor
External ballast transistor not needed for bare die
Analog reference voltage
3.0 V – 3.6 V and 4.5 V – 5.5 V
Clocking
Frequency-modulated phase-locked loop (FMPLL)
2
Internal RC oscillator
16 MHz
External crystal oscillator
4 – 40 MHz
Debug
Nexus
Level 3+
Packages
Type
144 LQFP
257 MAPBGA
Temperature
Temperature range (junction)
–40 to 150
°C
Ambient temperature range using external ballast
transistor (LQFP)
–40 to 125
°C
Ambient temperature range using external ballast
transistor (BGA)
TBD
Table 1. PXS20 Family Feature Set (continued)
Feature
PXS20


Similar Part No. - MPXR2005VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXR2005VMM120R FREESCALE-MPXR2005VMM120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - MPXR2005VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com