Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-432B-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK672-432B-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-432B-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-432B-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
STK672-432B-E
No.A1733-6/24
Precautions
[GND wiring]
• To reduce noise on the 5V/24V system, be sure to place the GND of C01 in the circuit given above as close as
possible to Pin 2 and Pin 6 of the hybrid IC.
In addition, in order to set the current accurately, the GND side of RO2 of Vref must be connected to the shared
ground terminal used by the Pin 18 (S.G) GND, P.G1 and P.G2.
[Input pins]
• If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to S.GND,
Pin 18. Measures must also be taken so that a voltage equal to or greater than VDD is not input.
• High voltage input other than VDD, MOI, FAULT1, and FAULT2 is 2.5V.
• Pull-up resistors are not connected to input pins. Pull-down resistors are attached. When controlling the input to the
hybrid IC with the open collector type, be sure to connect a pull-up resistor (1 to 20k
Ω).
Be sure to use a device (0.8V or less, low level, when IOL=5mA) for the open collector driver at this time that has an
output voltage specification such that voltage is pulled to less than 0.8V at low level.
• When using the power on reset function built into the hybrid IC, be sure to directly connect Pin 14 to VDD.
• We recommend attaching a 1,000pF capacitor to each input to prevent malfunction during high-impedance input. Be
sure to connect the capacitor near the hybrid IC, between Pin 18 (S, G).
When input is fixed low, directly connect to Pin 18. When input is fixed high, directly connect to VDD.
[Current setting Vref]
If the motor current is temporarily reduced, the circuit given below is recommended.
The variable voltage range of Vref input is 0.14 to 1.48V.
[Setting the motor current]
The motor current, IOH, is set using the Pin 19 voltage, Vref, of the hybrid IC. Equations related to IOH and Vref are
given below.
Vref
≈ (RO2 ÷ (RO2+RO1))×VDD(5V) ························································· (1)
IOH ≈ (Vref ÷ 4.9) ÷ Rs ·················································································· (2)
The value of 4.9 in Equation (2) above represents the Vref voltage as divided by a circuit inside the control IC.
Rs: 0.152
Ω (Current detection resistor inside the hybrid IC)
5V
RO1
RO2
R3
5V
RO1
RO2
R3
Vref
Vref


Similar Part No. - STK672-432B-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-432B-E ONSEMI-STK672-432B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
More results

Similar Description - STK672-432B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com